PART |
Description |
Maker |
1N5393 1N5399 1N5391 1N5392 1N5394 1N5395 1N5396 1 |
1.5A, 1000V ultra fast recovery rectifier 1.5 Amp Rectifier 50 - 1000 Volts 1.5 A, 50 V, SILICON, RECTIFIER DIODE, DO-15 1.5A, 200V ultra fast recovery rectifier 1.5A, 100V ultra fast recovery rectifier
|
Micro Commercial Compon... MCC[Micro Commercial Components] Micro Commercial Components, Corp.
|
MUR660CT MUR605CT MUR610CT MUR640CT MUR620CT |
6.0A, 50V ultra fast recovery rectifier 6 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts 6.0A, 100V ultra fast recovery rectifier
|
MCC[Micro Commercial Components]
|
HDB105G HDB107G HDB101G HDB104G HDB106G HDB102G HD |
1.0A, 1000V ultra fast recovery rectifier 1.0A, 50V ultra fast recovery rectifier 1.0A, 800V ultra fast recovery rectifier 1.0A, 200V ultra fast recovery rectifier 1.0A, 400V ultra fast recovery rectifier 1.0A, 100V ultra fast recovery rectifier Single Supply RS232C Line Driver/Receiver(?????μ?o?RS232C ?o?????????¨???2???2??????) IC-1W BTL MONO AUDIO AMP Analog IC Audio Power Amplifier IC; Speaker Channels:Stereo; Output Power, Po:22W; Load Impedance Min:4ohm; Supply Voltage Max:18V; Supply Voltage Min:9V; Package/Case:17-SIP; Amplifier Type:; Number of Amplifiers:2; Output Current:0.375A 1.0 AMP. Glass Passivated Bridge High Efficient Rectifier 50 to 1000 Volts 1 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE 1.0 AMP. Glass Passivated Bridge High Efficient Rectifier 50 to 1000 Volts 1 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE
|
MCC[Micro Commercial Components] Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
PFR0 |
Fast Recovery Axial Rectifier. 1000 V. Io=01.6 A Axialleaded Hermetically Sealed Fast Recovery Rectifier Diode(反向电压1000V,平均正向电.6A,轴向引脚,密封型,快速恢复整流二极管)
|
Semtech Corporation
|
CR6AF8GPP CR6AF10GPP CR6AF1GPP CR6AF2GPP CR6AF4GPP |
Leaded Rectifier Fast Recovery GLASS PASSIVATED JUNCTION FAST RECOVERY SILICON RECTIFIER 6.0 AMP 100 THRU 1000 VOLTS
|
CENTRAL[Central Semiconductor Corp]
|
MB810 MB81 MB82 MB86 MB84 MB88 MB805 |
8.0A, 1000V ultra fast recovery rectifier 8.0A, 50V ultra fast recovery rectifier 8 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
|
MCC Micro Commercial Components
|
MR752FR MR756FR MR758FR MR750FR MR7510FR MR751FR M |
6.0A, 1000V ultra fast recovery rectifier (MR750FR - MR7510FR) 6 Amp Fast Recovery Rectifier 50 to 1000 Volts
|
MCC[Micro Commercial Components] Micro Commercial Compon...
|
FFA15U40DN FFA15U40DNTU |
15A/400VUltra Fast Recovery Rectifiers ULTRA FAST RECOVERY POWER RECTIFIER Ultrafast with soft recovery
|
FAIRCHILD[Fairchild Semiconductor]
|
RS3A RS3XB-13-F RS3X-13-F RS3D-13-F RS3MB-13-F RS3 |
RECTIFIER FAST-RECOVERY SINGLE 3A 200V 100A-ifsm 1.3V-vf 150ns 5uA-ir SMC 3K/REEL-13 3 A, 200 V, SILICON, RECTIFIER DIODE 3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER 3 A, 1000 V, SILICON, RECTIFIER DIODE RECTIFIER FAST-RECOVERY SINGLE 3A 800V 100A-ifsm 1.3V-vf 500ns 5uA-ir SMC 3K/REEL-13 3 A, 800 V, SILICON, RECTIFIER DIODE 3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
|
Diodes Incorporated Diodes, Inc.
|
70HFL10S02 70HFL100S10 70HFL100S05 40HFL100S10 40H |
40A Fast Recovery Rectifier Diode(40A 快速恢复整流二极管) Fast Recovery Rectifiers 1000V Fast Recovery Diode in a DO-203AB (DO-5) package 100V Fast Recovery Diode in a DO-203AB (DO-5) package 200V Fast Recovery Diode in a DO-203AB (DO-5) package 400V Fast Recovery Diode in a DO-203AB (DO-5) package 800V Fast Recovery Diode in a DO-203AB (DO-5) package 600V Fast Recovery Diode in a DO-203AB (DO-5) package
|
IRF[International Rectifier]
|
FFAF30U20DN FFAF30U20DNTU F30U20DN |
FFAF30U20DN 30A/200V Ultra Fast Recovery Rectifier Ultrafast Recovery Power Rectifier 30 A, 200 V, SILICON, RECTIFIER DIODE
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
20ETF12STRR 20ETF08S 20ETF08STRL 20ETF08STRR 20ETF |
FAST SOFT RECOVERY RECTIFIER DIODE 800V Fast Recovery Diode in a D2-Pak package 1200V Fast Recovery Diode in a D2-Pak package 1000V Fast Recovery Diode in a D2-Pak package DIODE 20 A, 1200 V, SILICON, RECTIFIER DIODE, D2PAK-3, Rectifier Diode
|
IRF[International Rectifier] Vishay Semiconductors
|